Part Number Hot Search : 
PCK946 NTE303 MC145159 BUZ110S SMCJ24A AON3812 US1881L S1R72U01
Product Description
Full Text Search
 

To Download SRR0603-150ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IA
Features
Available in E6 series Low unit height of 3.3 mm High current RoHS compliant*
Applications
Input/output of DC/DC converters Power supplies for: * Portable communication equipment * Camcorders * LCD TVs * Car radios
*R
oH
S
CO
M
PL
NT
SRR0603 Series - Shielded Power Inductors
Electrical Specifications
Inductance 1kHz Bourns Part No. (H) Tol. % Q Ref. Test Frequency (MHz) SRF Min. (MHz) I rms Max. (A) I sat Typ. (A)
RDC ()
SRR0603-1R5ML SRR0603-2R5ML SRR0603-3R3ML SRR0603-4R7ML SRR0603-6R8ML SRR0603-100ML SRR0603-150ML SRR0603-220ML SRR0603-330KL SRR0603-470KL SRR0603-680KL SRR0603-101KL SRR0603-151KL SRR0603-221KL SRR0603-331KL SRR0603-471KL SRR0603-681KL SRR0603-102KL
1.5 2.5 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000

20 20 20 20 20 20 20 15 10 10 10 10 10 10 10 10 10 10
20 19 16 13 13 16 16 16 15 13 11 22 22 20 18 17 13 20
7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.252
95.0 90.0 85.0 45.0 32.0 25.0 25.0 20.0 16.0 13.0 10.0 9.0 8.0 5.0 4.5 4.0 3.5 3.0
0.032 0.040 0.055 0.070 0.100 0.12 0.18 0.27 0.43 0.55 0.90 1.50 1.90 2.70 4.20 6.70 10.50 14.00
2.20 2.00 1.80 1.60 1.20 1.10 0.90 0.70 0.60 0.50 0.40 0.30 0.25 0.20 0.18 0.15 0.12 0.10
3.50 2.95 2.60 2.20 1.75 1.50 1.20 1.05 0.83 0.73 0.53 0.44 0.39 0.31 0.24 0.19 0.15 0.13
General Specifications Test Voltage ....................................1 Volt Reflow Soldering .....230 C; 50 sec max. Operating Temperature .-40 C to +125 C (Temperature rise included) Storage Temperature..-40 C to +125 C Resistance to Soldering Heat ..................................260 C for 5 sec. Materials Core Material...................Ferrite DR & RI Wire ............................Enameled Copper Base ......................................LCP E4008 Terminal.....................................Cu/Ni/Sn Rated Current ...Ind. drop 10 % typ at I sat Temperature Rise .40 C max at rated I rms Packaging...................1000 pcs. per reel Product Dimensions
6.5 0.2 (.256 .008) 6.5 0.2 (.256 .008 ) MAX. 3.3 (.130)
100
Electrical Schematic
2.0 0.2 (.099 .008) 0.7 0.1 (.028 .004)
5.0 0.2 (.197 .008)
0.7 0.1 (.028 .004)
Recommended Layout
2.5 (.099) 4.5 (.177) 1.5 (.060)
DIMENSIONS:
MM (INCHES)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
SRR0603 Series - Shielded Power Inductors
Packaging Specifications
178.0 (7.00) DIA.
2.0 0.5 (.079 .020)
18.4 (.724) THICKNESS 0.10 (.004) MAX. 50.0 (1.969) EMBOSSED CAVITY
21.0 0.8 (.827 .031)
13.0 0.5 (.512 .020) DIA.
13.0 0.5 DIA. (.512 .020) EMBOSSED CARRIER 14.0 (.551) 4 (.157)
END
START
12 (.472)
3.4 (0.134)
8 (.315)
NO COMPONENT COMPONENTS NO COMPONENT
160 (6.299)
3200 (125.984)
400 (15.748)
USER DIRECTION OF FEED
QTY: 1000 PCS. PER REEL
DIMENSIONS:
MM (INCHES)
REV. 05/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SRR0603-150ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X